Part Number Hot Search : 
D6553 SMCJ120 LT1039C FDC796N C3240 SKKT250 LC6543F B230004
Product Description
Full Text Search
 

To Download CL21C220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ceramic Capacitor
Multilayer Ceramic Capacitor
INTRODUCTION
MLCC(Multilayer Ceramic Capacitor) is SMD(Surface Mounted Device) type capacitor that is used in wide ranges of capacitance. MLCC is paid more attentions than other capacitors due to the better frequency characteristics, higher reliability, higher withstanding voltage and so on. MLCC is made of many layers of ceramic and inner electrodes like sandwich. Pd was used for inner electrodes. But the price of Pd was skyrocketed and Pd was replaced by the BME(Base Metal Electrode), which reduced the total cost of MLCC. This inner electrode is connected to outer termination for surface mounting, which is composed of three layers, Cu or Ag layer, Ni plating layer, and SnPb or Sn plating layer. Most of MLCCs become Pb free by the environmental issue at present. MLCC is divided into two classes. Class I(C0G, etc) is the temperature compensating type. It has a small TCC(Temperature Coefficient of Capacitance) and a better frequency performance. Therefore, it is used in RF applications such as cellular phone, tuner, and so on. Class II(X7R, X5R, Y5V, etc) is the high dielectric constant type, which is used in general electronic circuit. Especially high capacitance MLCC is replacing other capacitors (Tantalum and Aluminum capacitor) due to the low ESR(Equivalent Series Resistance) value.
FEATURE AND APPLICATION
Feature - Miniature Size - Wide Capacitance and Voltage Range - Highly Reliable Performance - Tape & Reel for Surface Mount Assembly - Low ESR - High Q at High Frequencies - Stable Temperature Dependence of Capacitance Application - High Frequency Circuit(Tuner, VCO, PAM etc) - General Power Supply Circuit(SMPS etc) - DC-DC Converter - General Electronic Circuit
-1-
Multilayer Ceramic Capacitor
STRUCTURE
-2-
Multilayer Ceramic Capacitor
APPEARANCE AND DIMENSION
L
T
W BW
CODE 03 05 10 21 31 32 43 55
EIA CODE L 0201 0402 0603 0805 1206 1210 1812 2220 0.6 0.03 1.0 0.05 1.6 0.1 2.0 0.1 3.2 0.2 3.2 0.3 4.5 0.4 5.7 0.4
DIMENSION ( mm ) W 0.3 0.03 0.5 0.05 0.8 0.1 1.25 0.1 1.6 0.2 2.5 0.2 3.2 0.3 5.0 0.4 T (MAX) 0.3 0.03 0.5 0.05 0.8 0.1 1.25 0.1 1.6 0.2 2.5 0.2 3.2 0.3 3.2 0.3 BW 0.150.05 0.2+0.15/-0.1 0.3 0.2 0.5+0.2/-0.3 0.5+0.2/-0.3 0.6 0.3 0.8 0.3 1.0 0.3
-3-
Multilayer Ceramic Capacitor
PREVIOUS PART NUMBERING CL 1 10 2 C 3 101 4 J 5 B 6 N 7 C 8
1 SAMSUNG Multilayer Ceramic Capacitor 2 Type(Size) 3 Capacitance Temperature Characteristics 4 Nominal Capacitance 5 Capacitance Tolerance 6 Rated Voltage 7 Thickness Option 8 Packaging Type 3 CAPACITANCE TEMPERATURE CHARACTERISTICS CLASS (Temperature Compensation) Symbol C P R S T U L EIA Code C0G(CH) P2H R2H S2H T2H U2J S2L Temperature Coefficient(PPM/) 0 30 -150 60 -220 60 -330 60 -470 60 -750 120 +350 ~ -1000
Temperature
Characteristics C P R S T U SL
Operation Temperature Range
-55 ~ +125
Temperature Characteristics Temperature below 2.0pF 2.2 ~ 3.9pF above 4.0pF Characteristics C P R S T U C0G C0G P2J R2J S2J T2J U2J C0G P2H R2H S2H T2H U2J
above 10pF C0G P2H R2H S2H T2H U2J K : 250 PPM/ J : 120 PPM/ H : 60 PPM/ G : 30 PPM/
CLASS (High Dielectric Constant) Symbol A B F EIA Code X5R X7R Y5V Capacitance Change (C : %) 15 15 +22 ~ -82 Operation Temperature Range -55 ~ +85 -55 ~ +125 -30 ~ +85
-4-
Multilayer Ceramic Capacitor
4 NOMINAL CAPACITANCE The nominal capacitance value is expressed in pico-Farad(pF) and identified by threedigit number, first two digits represent significant figures and last digit specifies the number of zeros to follow. For values below 1pF, the letter "R" is used as the decimal point and the last digit becomes significant. example) 100 : 10 x 10o = 020 : 2 x 10o = 1R5 : 1.5pF 10pF 2pF 102 : 10 x 102 = 1000pF
5 CAPACITANCE TOLERANCE Temperature Characteristics Symbol B C C0G(NPO) or T.C Series D F G J K J A(X5R) B(X7R) F(Y5V) K M Z Tolerance 0.1pF 0.25pF 0.5pF 1pF 2% 5% 10% 5% 10% 20% -20% ~ +80% E-6 Series E-12 Series E-24 Series for over 10pF Applicable Capacitance & Range 0.5 ~ 3pF 0.5 ~ 10pF 6 ~ 10pF
Please consult us for special tolerances.
6 RATED VOLTAGE Symbol Q P O A B C Rated Voltage(Vdc) 6.3V 10V 16V 25V 50V 100V Symbol D G I J K Rated Voltage(Vdc) 200V 500V 1000V 2000V 3000V
-5-
Multilayer Ceramic Capacitor
7 THICKNESS OPTION Symbol N A B C D E Description of the Code Standard thickness (please refer to standard thickness table on next page) Thinner than standard thickness Thicker than standard thickness Standard Thickness High Q ( Low D.F ) Sn-100% (High-Q) Sn-100% (General)
Please Consult us for other termination type.
8 PACKAGING TYPE Symbol B P C D E Packaging Bulk Cassette Paper Tape, 7" Reel Paper Tape, 13" Reel Embossed Tape, 7" Reel Symbol F L O S Packaging Embossed Tape, 13" Reel Paper 13" Reel Paper 10" Reel Embossed Tape, 10" Reel
STANDARD CAPACITANCE STEP Series E- 3 E- 6 E-12 E-24 1.0 1.0 1.1 1.0 1.2 1.2 1.3 1.5 1.5 1.6 1.0 1.5 1.8 1.8 2.0 2.2 2.2 2.4 2.2 2.7 2.7 3.0 3.3 3.3 3.6 Capacitance Step 2.2 3.3 3.9 3.9 4.3 4.7 4.7 5.1 4.7 5.6 5.6 6.2 6.8 6.8 7.5 4.7 6.8 8.2 8.2 9.1
Standard Capacitance is " Each step x10n "
-6-
Multilayer Ceramic Capacitor
NEW PART NUMBERING CL 1 10 2 C 3 101 4 J 5 B 6 8 7 N 8 N 9 N 10 C 11
1 SAMSUNG Multilayer Ceramic Capacitor 2 Size(mm) 3 Capacitance Temperature Characteristic 4 Nominal Capacitance 5 Capacitance Tolerance 6 Rated Voltage 7 Thickness Option 8 Product & Plating Method 9 Samsung Control Code 10 Reserved For Future Use 11 Packaging Type
1 PRODUCT ABBREVIATION Symbol CL Product Abbreviation SAMSUNG Multilayer Ceramic Capacitor
2 SIZE(mm) Symbol 03 05 10 21 31 32 43 55 Size(mm) Length 0.6 1.0 1.6 2.0 3.2 3.2 4.5 5.7 Width 0.3 0.5 0.8 1.2 1.6 2.5 3.2 5.0
-7-
Multilayer Ceramic Capacitor
3 CAPACITANCE TEMPERATURE CHARACTERISTIC Symbol C P R S T U L A B F Class Class Temperature Characteristics COG P2H R2H S2H T2H U2J S2L X5R X7R Y5V C P R S T U S X5R X7R Y5V 030(ppm/) -15060 -22060 -33060 -47060 -75060 +350 ~ -1000 15% 15% +22 ~ -82% -55 ~ +85 -55 ~ +125 -30 ~ +85 -55 ~ +125 Temperature Range
Temperature Characteristic
Temperature Characteristics C P R S T U Below 2.0pF C0G 2.2 ~ 3.9pF C0G P2J R2J S2J T2J U2J Above 4.0pF C0G P2H R2H S2H T2H U2J Above 10pF C0G P2H R2H S2H T2H U2J
J : 120PPM/, H : 60PPM/, G : 30PPM/
4 NOMINAL CAPACITANCE Nominal capacitance is identified by 3 digits. The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. 'R' identifies a decimal point. Example Symbol 1R5 103 104 Nominal Capacitance 1.5pF 10,000pF, 10nF, 0.01F 100,000pF, 100nF, 0.1F
-8-
Multilayer Ceramic Capacitor
5 CAPACITANCE TOLERANCE Symbol A B C D F F G J K M Z Tolerance 0.05pF 0.1pF 0.25pF 0.5pF 1pF 1% 2% 5% 10% 20% +80, -20% More than 10pF Less than 10pF (Including 10pF) Nominal Capacitance
6 RATED VOLTAGE Symbol Q P O A B C D Rated Voltage 6.3V 10V 16V 25V 50V 100V 200V Symbol E G H I J K Rated Voltage 250V 500V 630V 1,000V 2,000V 3,000V
-9-
Multilayer Ceramic Capacitor
7 THICKNESS OPTION Type 0603 1005 1608 Symbol 3 5 8 A 2012 C F C 3216 F H F H 3225 I J F H 4532 I J L F H 5750 I J L 2.0 2.5 1.25 1.6 0.20 2.0 2.5 3.2 1.25 1.6 0.20 2.0 2.5 3.2 0.30 0.30 Thickness(T) 0.30 0.50 0.80 0.65 0.10 0.85 1.25 0.85 1.25 1.6 1.25 1.6 0.20 0.10 0.15 0.15 0.20 Spec 0.03 0.05 0.10
- 10 -
Multilayer Ceramic Capacitor
8 PRODUCT & PLATING METHOD Symbol A N G Electrode Pd Ni Cu Termination Ag Cu Cu Plating Type Sn_100% Sn_100% Sn_100%
9 SAMSUNG CONTROL CODE Symbol A B C L Description of the code Array (2-element) Array (4-element) High - Q LICC Symbol N P W Description of the code Normal Automotive 3 Terminal EMI Filter
10 RESERVED FOR FUTURE USE
Symbol N
Description of the code Reserved for future use
11 PACKAGING TYPE
Symbol B P C D E
Packaging Type Bulk Bulk Case Paper 7" Paper 13" (10,000EA) Embossing 7"
Symbol F L O S
Packaging Type Embossing 13" (10,000EA) Paper 13" (15,000EA) Paper 10" Embossing 10"
- 11 -
Multilayer Ceramic Capacitor
CAPACITANCE vs CHIP THICKNESS STANDARD
Description 0603 1005 1608 (0201) (0402) (0603)
0.6 0.03 0.3 0.03 0.3 0.03 1.0 0.05 0.5 0.05 0.5~ 0.05 0.5~ 240 1.6 0.1 0.8 0.1 0.8 0.1 0.65 0.1
2012 Type (0805)
3216 Type (1206)
3.2 0.2 1.6 0.2
3225 Type (1210)
4532 Type (1812)
5750 Type (2220)
L
2.00.1
3.20.15
3.20.3
4.50.4
5.70.4
Dimension (mm)
W
1.250.1
1.60.15
2.50.2
3.20.3
5.00.4
T
0.85 0.1
1.25 0.85 1.25 1.6 0.1 0.15 0.15 0.2
1.25 1.6 0.2 0.2
2.0 0.2
2.5 0.2
1.25 0.2
1.6 0.2
2.0 0.2
2.5 0.2
1.6 2.0 0.2 0.2
2.5 0.2
SL 50V C A R AP NA 25V GC EI T C, TC p A (Except F N SL,UJ) C 50V E
-
0.5 ~ 0.5 1100 ~ 1600~ 0.5 ~ 3000~ 6200~ 1000 ~1000 1500 2700 2700 5600 8200
-
-
-
-
-
-
-
-
-
-
-
0.5~ 47
0.5~ 220
0.5 ~ 1000
-
-
3300~ 1500~ 3900~ 7500~ 8200 3600 6800 10000
-
-
-
-
-
100000
-
-
-
-
-
( )
-
0.5 ~ 180
0.5 ~ 1000
0.5 ~ 620~ 1100~ 0.5 ~ 2400~ 560 1000 3300 2200 4700
-
560~ 11000 24000~ ~ 10000 22000 47000
-
1000~ 15000~ 24000~ 62000~ 43000 93000 130000 13000 22000 47000 68000
6.3V
10
220
2200
-
-
10000
-
-
10000
-
-
-
22000
-
-
-
47000
-
-
47000
10V
10
100
1000
-
-
2200
-
-
4700~ 10000
-
-
-
22000
-
-
-
-
-
-
47000
A (X5R)
16V
-
47
330~ 470 -
-
-
1000
-
-
4700
-
-
-
6800~ 10000 -
-
-
-
-
-
-
-
25V
-
6.8~ 10 47~ 100 33~ 100 10~ 33 4.7~ 10 0.22~ 4.7
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
50V C A P A C I T A N C E R A N G E ( n F ) F (Y5V)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
6.3V
0.1~ 10 0.1~ 10 0.1~ 1
470~ 1000 220~ 470 100~ 220 47~ 100 0.22~ 100
-
-
1000
-
-
6800~ 10000
-
-
-
22000
-
-
-
-
-
-
-
10V
220~ 270 68~ 200 39~ 68 0.22~ 39
330~ 470 220~ 330 82~ 100 47~ 100
560~ 1000 390~ 1000 150~ 470
-
1000~ 4700 1500~ 3300 3900~ 3300 2200 4700
-
-
-
-
22000
-
-
-
B (X7R)
16V
330~ 1000~ 2200~ 1500~ 3300 3900~ 680 1500 3300 2200 4700 100~ 470~ 330 620 1~ 150 680~ 1000 390~ 1000 680~ 1800 1500 2.2~ 680 820~ 1000
-
-
-
2200
-
-
-
-
25V
-
2200
-
-
-
1000
-
-
-
10000
50V
-
220
220
-
-
10~ 1000
-
-
-
-
-
3300~ 4700
6.3V
10~ 100
-
2200
-
-
10000
-
-
-
-
-
47000
-
-
-
-
-
-
-
-
10V
-
220~ 330 10~ 220 10~ 33 2.2~ 10
100~ 1000 100~ 1000 22~ 330 2.2~ 100
-
-
4700
-
4700 10000~ 22000
-
-
-
22000
-
-
-
-
-
-
100000
16V
-
10~ 680 10~ 220 2.2~ 68
820~ 1200~ 1000~ 2700~ 10000 3300~ 10000 15000 1000 2200 2200 4700 6800 270~ 470 82~ 150 560~ 1000 180~ 1000 470~ 1200~ 2700~ 1000~ 4700~ 1000 2200 3300 3300 10000 10~ 470 560~ 1000 100~ 1000
-
-
-
22000
-
-
-
-
25V
-
-
-
-
-
-
10000
-
-
-
50V
-
-
-
-
-
-
-
-
10000
-
-
-
- 12 -
Multilayer Ceramic Capacitor
PACKAGING
CARDBOARD PAPER TAPE
Feeding round holes Perforated square holes for inserting a chip
D E
A
F
B
W
t
P0
P2
P1 unit : mm
Symbol Type
03 D i m e n s i o n 05 10 21 31
W
F
E
P1
2.0 0.05
P2
P0
D
t
0.37 0.03 0.6 0.05
A
0.38 0.03
B
0.68 0.03
0.65 1.15 +0.05/-0.1 +0.05/-0.1 1.1 0.2 1.9 0.2 2.4 0.2 3.6 0.2
8.0 0.3
3.5 0.05
1.75 0.1 4.0 0.1
2.0 0.05
4.0 0.1
1.5 +0.1/-0 1.1 MAX
1.6 0.2 2.0 0.2
EMBOSSED PLASTIC TAPE
Feeding round holes Perforated square holes for inserting a chip
D E
A B
FW
t1
t0 Symbol Type
D i m e n s i o n 21 31 32 43 55 8.0 0.3 3.5 0.05 1.75 0.1
P0
P2
P1
unit : mm
W
F
E
P1
P2
P0
D
t0
t1
A
1.45 0.2 2.0 0.2
B
2.3 0.2 3.6 0.2 3.6 0.2 4.9 0.2 6.0 0.2
4.0 0.1
2.0 0.05
4.0 0.1
1.5 +0.1/-0
0.6 max
2.5 max
2.9 0.2 3.6 0.2 5.4 0.2
- 13 -
Multilayer Ceramic Capacitor
TAPING SIZE
Empty Section 45 Pitch Packed Part Empty Section 50 Pitch Loading Section 35 Pitch
END
START
unit : pcs Symbol 7" Reel 13" Reel Cardboard Paper Tape 4000 15000 Embossed Plastic Tape 2000 -
REEL DIMENSION
E C
R
B D
W A
t
unit : mm Symbol 7" Reel 13" Reel A 1782.0 3302.0 B min.50 130.5 min.70 210.8 2.00.5 101.5 0.80.2 1.0 C D E W t R
- 14 -
Multilayer Ceramic Capacitor
BULK CASE PACKAGING
- Bulk case packaging can reduce the stock space and transportation costs. - The bulk feeding system can increase the productivity. - It can eliminate the components loss.
A C D E
B
T
F
W
G H
L
I
Symbol Dimension Symbol Dimension
A 6.80.1 F 31.5+0.2/-0
B 8.80.1 W 36+0/-0.2
T 120.1 G 190.35
C 1.5+0.1/-0 H 70.35
D 2+0/-0.1 L 1100.7
E 4.70.1 I 50.35
QUANTITY
Size Quantity * Option 05(0402) 50,000 10(0603) 10,000~15,000* 21(0805) T0.85mm 10,000 T1.0mm 5,000
- 15 -
Multilayer Ceramic Capacitor
CHARACTERISTIC MAP
CLASS
Temperature Characteristics
Size 05 (0402) 10 (0603)
Voltage
0.5 10 100 240 1000
Capacitance Range ()
10000 100000 1000000 10000000 100000000
50V
50V
1000
SL,UJ
21 (0805) 31 (1206) 03 (0201) 05 (0402) 50V
2700
50V
8200
25V 25V 50V 25V 50V 25V 50V 25V 50V 50V 100V 25V 50V 50V
47 220 180 1000 1000 3300 3300 1500 10000 8200
10 (0603)
21 (0805)
C(COG) & TC Series
31 (1206)
4700
560 4700 47000 18000 100000 1000 43000 68000 130000
32 (1210)
43 (1812) 55 (2220)
- 16 -
Multilayer Ceramic Capacitor
CLASS , A(X5R)
Temperature Characteristics
Size
Voltage
10 100
Capacitance Range ()
1000 10000 100000 1000000 10000000 100000000
0603 (0201)
6.3V 10V 6.3V 10V 16V 50V 6.3V
6800
10000 10000 220000 100000 47000 10000 2200000 1000000 330000 470000 10000000 2200000 1000000 10000000 4700000 10000000 4700000 22000000 22000000 6800000 10000000 47000000 47000000 47000000
1005 (0402)
1608 (0603)
10V 16V 6.3V
A(X5R)
2012 (0805)
10V 16V 6.3V
3216 (1206)
10V 16V 6.3V
3225 (1210)
10V 16V
4532 (1812) 5750 (2220)
6.3V 6.3V 10V
- 17 -
Multilayer Ceramic Capacitor
CLASS , B(X7R)
Temperature Characteristics
Capacitance Range () Size
Voltage
10 100 100 100 100 1000 47000 33000 10000 4700 220 4700 470000 220000 100000 47000 220 1000000 470000 220000 100000 100000 1000000 220000 68000 39000 220 1000000 1000000 470000 220000 6800000 1000000
1000
10000
100000
1000000 10000000 100000000
6.3V 03 (0201) 10V 16V 6.3V 10V 05 (0402) 16V 25V 50V 6.3V 10V 10 (0603) 16V 25V 50V 6.3V 10V 21 (0805) 16V 25V 50V 6.3V 10V 31 (1206) 16V 25V 50V
10000 10000
100000 100000 33000
10000
B(X7R)
10000000
4700000 3300000 1000000 1000000
330000 100000
1000
- 18 -
Multilayer Ceramic Capacitor
CLASS , B(X7R)
Temperature Characteristics
Capacitance Range () Size
Voltage
10 100 1000 10000 100000 1000000 10000000 100000000 22000000 1500000 1500000 680000 2200 4700000 4700000 2200000 1000000 22000000 2200000 1000000 10000 1000000 10000000 3300000 4700000
6.3V 10V 32 (1210) 16V 25V 50V
B(X7R)
43 (1812)
10V 16V 25V 50V 25V 50V
55 (2220)
- 19 -
Multilayer Ceramic Capacitor
CLASS , F(Y5V)
Temperature Characteristics
Capacitance Range () Size
03 (0201) Voltage
10 100 1000 10000 10000 220000 10000 10000 2200 33000 10000 2200000 100000 100000 22000 2200 330000 100000 10000000 4700000 10000 10000 2200 2200000 1000000 1000000 4700000
100000 1000000 10000000 100000000 100000 330000 220000
6.3V 10 V 16 V 25 V 50 V 6.3V 10 V
05 (0402)
1000000 1000000
10 (0603)
16 V 25 V 50 V 6.3V 10 V
21 (0805)
16 V 25 V
F(Y5V)
50 V 10 V 16 V 25 V 50 V 6.3V 10 V 32 (1210) 16 V 25 V 50 V 16V 43 (1812) 25 V 50 V 55 (2220) 10 V
100000 3300000 1000000 1000000 22000000 10000000 10000000 100000000 10000
22000000 10000000
31 (1206)
1000000 470000
3300000 1000000 47000000 22000000 15000000 10000000
- 20 -
Multilayer Ceramic Capacitor
RELIABILITY TEST DATA
NO 1 ITEM APPEARANCE PERFORMANCE NO ABNORMAL EXTERIOR APPEARANCE TEST CONDITION THROUGH MICROSCOPE(x10)
10,000 OR 500* PRODUCT WHICHEVER IS 2 INSULATION RESISTANCE SMALLER (RATED VOLTAGE IS BELOW 16V : 10,000 OR 100*)
RATED VOLTAGE SHALL BE APPLIED. MEASUREMENT TIME IS 60 ~ 120 RATED VOLTAGE TIME 60 SEC.
3
WITHSTANDING VOLTAGE
NO DIELECTRIC BREAKDOWN OR MECHANICAL BREAKDOWN
CLASS: 300% OF THE RATED VOLTAGE FOR 1~5 SEC, CLASS:250% OF THE RATED VOLTAGE FOR 1~5 SEC IS APPLIED WITH LESS THAN 50 CURRENT
CAPACITANCE CLASS 4 CAPACIT ANCE CAPACITANCE CLASS WITHIN THE SPECIFIED TOLERANCE 10 AND BELOW MORE THAN 10 CAPACITANCE CLASS OVER 30 : Q 1,000 LESS THAN 30: Q 400 +20C ( C : CAPACITANCE ) 1,000 AND BELOW MORE THAN 1,000 WITHIN THE SPECIFIED TOLERANCE 1,000 AND BELOW MORE THAN 1,000
FREQUENCY 110%
VOLTAGE
0.5 ~ 5 Vrms 110% FREQUENCY 110% 12020% FREQUENCY 110% 0.5 ~ 5 Vrms 110% FREQUENCY 110% 12020% VOLTAGE 1.00.2Vrms 0.50.1Vrms VOLTAGE 1.00.2Vrms 0.50.1Vrms VOLTAGE
5
Q
1. CHAR : B
RATED VOLTAGE
CAPACITANCE
DF SPEC 0.05 max 0.05 max 0.035 max 0.025 max 0.025 max
10 AND BELOW MORE THAN 10
6.3V 10V 16V 25V 50V 2. CHAR : F
6 Tan
CLASS 1005
6.3V -
10V 0.125max
16V
25V 0.05max 0.05max(C100nF) 0.07max(C>100nF) 0.07max 0.07max 0.07max(C6.8) 0.09max(C>6.8) -
50V 0.05max
0.09max (C220nF) 0.125max (C220nF)
0.09max 0.09max 0.09max 0.09max 0.09max -
1608 2012 3216 3225 4532 5750
0.16max 0.16max 0.16max 0.16max 0.16max
0.125max 0.125max 0.125max 0.125max 0.16max 0.125max
0.05max 0.05max 0.05max 0.05max -
- 21 -
Multilayer Ceramic Capacitor
NO ITEM PERFORMANCE
TEMP. COEFFICIENT
CHARACTERISTIC
TEST CONDITION THESE SYMMETRICAL TOLERANCE APPLY TO
(PPM/)
2 POINT MEASUREMENT OF TEMPERATURE COEFFICIENT: ONE AT 25 AND AT 85
C0G CAPACITANCE 7 TEMPERATURE COEFFICIENT PH CLASS RH SH TH UL SL
0 30 -150 60 -220 60 -330 60 -470 60 -750 120 +350 ~ -1000
STEP 1 2 3 4 5
TEMPERATURE 25 2 MIN RATED TEMP 2 25 2 MAX RATED TEMP 2 25 2
The change of capacitance should be got from the capacitance at 25. After capacitance measured from Min. Temp. to
CAPACITANCE CHANGE
TEMPERATURE
Max. Temp., it should be calculated from the formula below.
8
CHARACTERISTIC S
CLASS
CHAR. A,B F
CAP. CHANGE(%) 15% +22% ~ -82%
C2 - C1 C1
x 100 %
C1 : CAPACITANCE AT STANDARD TEMPERATURE(25) C2 : CAPACITANCE AT EACH TEMPERATURE
NO INDICATION OF PEELING SHALL OCCUR ON THE TERMINAL ADHESIVE STRENGTH OF TERMINATION ELECTRODE.
A 500g.f PRESSURE SHALL BE APPLIED FOR 101 SECOND.
9
500g.f
SEE (FIG.1)
APPEARANCE
NO MECHANICAL DAMAGE SHALL OCCUR. CHARACTER CHANGE OF CAPACITANCE WITHIN 5% CLASS I OR 0.5 pF WHICHEVER IS LARGER
BENDING SHALL BE APPLIED TO THE LIMIT(1mm) WITH 0.3mm/SEC. KEEP THE TEST BOARD AT THE LIMIT POINT IN 5 SEC., THEN MEASURE CAPACITANCE. CHARACTER C, A, B, F 20 R=340 50 LIMIT 1mm
10
BENDING STRENGTH
CAPACITANCE
A,B
WITHIN 12.5%
CLASS II F WITHIN 30%
451 SEE (FIG.2) 451
BENDING LIMIT
- 22 -
Multilayer Ceramic Capacitor
NO ITEM PERFORMANCE MORE THAN 75% OF THE TERMINAL SURFACE IS TO BE SOLDERED NEWLY, SO METAL PART DOES NOT COME OUT OR DISSOLVE TEST CONDITION SOLDER TEMPERATURE : 2305 DIP TIME SOLDER FLUX *PB-FREE 11 SOLDERABILITY SOLDER TEMPERATURE : 2605 SOLDER : Sn96.5-3Ag-0.5Cu Flux : RMA TYPE IN PB--FREE PART, MORE THAN 95% OF THE TERMINAL SURFACE IS TO BE SOLDERED NEWLY APPEARANCE NO MECHANICAL DAMAGE SHALL OCCUR CHARACTERISTIC CAP. CHANGE WITHIN 2.5% OR CLASS CAPACITANCE A,B RESISTANCE 12 TO SOLDERING HEAT Q CLASS Tan CLASS INSULATION RESISTANCE WITHSTANDING VOLTAGE APPEARANCE CLASS F 0.25 WHICHEVER IS LARGER WITHIN 7.5% WITHIN 20% STEP 1 2 TEMP.() 80~100 150~180 DIP : SOLDER TEMPERATURE OF 2705 DIP TIME :101 SEC. EACH TERMINATION SHALL BE FULLY IMMERSED AND PREHEATED AS FOLLOWING: TIME (SEC.) 60 60 DIP TIME : 30.1Sec * PRE-HEATING : AT 80~120 FOR 10~30SEC. : 31 Sec : H63A : RMA TYPE
30 AND OVER : Q 1000 LESS THAN 30 : Q 400+20xC TO SATISFY THE SPECIFIED INITIAL VALUE TO SATISFY THE SPECIFIED INITIAL VALUE TO SATISFY THE SPECIFIED INITIAL VALUE NO MECHANICAL DAMAGE SHALL OCCUR. CHARACTERISTIC CAP. CHANGE WITHIN 2.5% OR CLASS 0.25 WHICHEVER IS LARGER CLASS A,B F WITHIN 5% WITHIN 20%
MEASURE AT ROOM TEMP. AFTER COOLING FOR CLASS : 24 2 HOURS CLASS : 48 4 HOURS
BENDING SHALL BE APPLIED TO THE LIMIT(1mm) WITH 0.3mm/SEC. KEEP THE TEST BOARD AT THE LIMIT POINT IN 5 SEC., THEN MEASURE CAPACITANCE. CHAR. A,B,C,F CHAR. A,B,C,F FREQUENCY RANGE 10Hz 55Hz 10Hz TRAVERSED TIME 1 min
CAPACITANCE
13
VIBRATION TEST Q CLASS Tan CLASS
30 AND OVER : Q 1000 LESS THAN 30 : Q 400+20xC TO SATISFY THE SPECIFIED INITIAL VALUE
THE ENTIRE FREQUENCY RANGE, FROM 10 TO 55Hz AND RETURN TO 10Hz, SHALL BE TRAVERSED IN 1 MINUTE.
INSULATION RESISTANCE
TO SATISFY THE SPECIFIED INITIAL VALUE
THIS CYCLE SHALL BE PERFORMED 2 HOURS IN EACH THERE MUTUALLY PERPENDICULAR DIRECTION, FOR TOTAL PERIOD OF 6 HOURS.
* THE INITIAL VALUE OF HIGH DIELECTRIC CONSTANT SERIES SHALL BE
MEASURED
AFTER THE HEAT TREATMENT OF 150 +0/-10, 1Hr AND SITTING OF 484hr AT ROOM TEMPERATURE & ROOM HUMIDITY.
- 23 -
Multilayer Ceramic Capacitor
NO ITEM APPEARANCE PERFORMANCE NO MECHANICAL DAMAGE SHALL OCCUR CHARACTERISTIC CAPACITANCE CHANGE WITHIN 5% OR CLASS CAPACITANCE CLASS Q HUMIDITY 14 (STEADY STATE) CLASS A,B F 0.5 WHICHEVER IS LARGER WITHIN 12.5% WITHIN 30% MEASURE AT ROOM TEMPERATURE AFTER COOLING FOR CLASS : 242 Hr. CLASS : 484 Hr. 6.3V Tan
6.3V 0.075 MAX 4V 0.1 MAX
TEST CONDITION TEMPERATURE : 402
RELATIVE HUMIDITY:90~95 %RH TEST TIME : 500 +12/-0 Hr.
30 AND OVER : Q 350 10 ~30 : Q 275 + 2.5xC 0.125 MAX *Condition 1005 C 0.22
16V 10V 0.05 MAX
LESS THAN 10pF : Q 200 + 10xC
CHAR. 25V AND OVER 0.05
1608 C 2.2 CLASS (A,B) 2012 C 4.7 3216 C 10.0 3225 C 22.0 4532 C 47.0 5750 C 100.0
Tan CLASS
A,B
0.05 MAX 0.1MAX (C1.0) 0.125 MAX (C1.0)
F
0.075 MAX
0.15 MAX
0.195 MAX
0.25 MAX
INSULATION RESISTANCE APPEARANCE
MINIMUM INSULATION RESISTANCE: 1,000 OR 50* PRODUCT WHICHEVER IS SMALLER NO MECHANICAL DAMAGE SHALL OCCUR CHARACTERISTIC CAPACITANCE CHANGE WITHIN 7.5% OR CLASS 0.75 WHICHEVER IS LARGER A,B WITHIN 12.5% WITHIN 30% WITHIN +30~40% CLASS F 1005 C>0.47F 1608 C>1.0F 2012 C>4.7F
APPLIED VOLTAGE : RATED VOLTAGE TEMPERATURE : 402 RELATIVE HUMIDITY:90~95%RH TEST TIME : 500 +12/-0 Hr. CURRENT APPLIED : 50 MAX. CLASS SHOULD BE MEASURED INITIAL VALUE AFTER BE HEAT-TREATED FOR 1 HR IN 150+0/-10 AND BE LEFT FOR 484HR AT ROOM TEMPERATURE. CLASS SHOULD BE MEASURED AFTER LEFT FOR 242 HRS IN ROOM TEMPERATURE AND HUMIDITY. CLASS SHOULD BE MEASURED LATTER VALUE AFTER BE HEAT-TREATED FOR 1 HR IN 150+0/-10
CAPACITANCE
MOISTURE 15 RESISTANCE
3216 C>10.0F 3225 C>22.0F 4532 C>47.0F Q CLASS 30 AND OVER : Q 200 30 AND BELOW : Q 100 + 10/3xC
CHAR. 25V AND OVER 0.05 MAX 16V 10V 6.3V 4V
AND BE LEFT FOR 484HR AT ROOM TEMPERATURE.
6.3V Tan 0.125 MAX *Condition 1005 C 0.22
Tan CLASS
A,B
0.05 MAX 0.1MAX (C1.0) 0.125MAX (C1.0)
0.05 MAX
0.075 MAX
0.1 MAX
CLASS (A,B)
1608 C 2.2 2012 C 4.7 3216 C 10.0 3225 C 22.0 4532 C 47.0 5750 C 100.0
F
0.075 MAX
0.15 MAX
0.195 MAX
0.25 MAX
INSULATION RESISTANCE
MINIMUM INSULATION RESISTANCE: 500 OR 25* PRODUCT, WHICHEVER IS SMALLER.
- 24 -
Multilayer Ceramic Capacitor
NO ITEM PERFORMANCE TEST CONDITION
APPLIED VOLTAGE : 150%, 200% OF RATED VOLTAGE TEST TIME : 1000 +48/-0 Hr. CURRENT APPLIED : 50 MAX.
APPEARANCE
NO MECHANICAL DAMAGE SHALL OCCUR
CHAR. CHARACTERISTIC CLASS A,B CAP. CHANGE WITHIN 3% OR 0.3, WHICHEVER IS LARGER WITHIN 12.5% WITHIN 30% CAPACITANCE CLASS HIGH 16 TEMPERATURE RESISTANCE Q CLASS 10 ~ 30 F WITHIN+30~40% 1005 C>0.47F 1608 C>1.0F 2012 C>4.7F 3216 C>10.0F 3225 C>22.0F 4532 C>47.0F 30 AND OVER : Q 350 : Q 275 + 2.5xC LESS THAN 10 :Q 200 + 10xC
*150% Authorization
TEMP. 125 3 A 85 3 125 3 85 3
CLASS CLASS
B F
CLASS SHOULD BE MEASURED INITIAL VALUE AFTER BE HEAT-TREATED FOR 1 HR IN 150+0/-10 AND BE LEFT FOR 48 4HR AT ROOM TEMPERATURE. CLASS SHOULD BE MEASURED AFTER LEFT FOR 242 HRS IN ROOM TEMPERATURE AND HUMIDITY. CLASS SHOULD BE MEASURED LATTER VALUE AFTER BE HEAT-TREATED FOR 1 HR IN 150+0/-10 AND BE LEFT FOR 48 4HR AT ROOM TEMPERATURE.
Conditions
CHAR.
25V
AND OVER
16V 0.05 MAX
0.1MAX (C<1.0) 0.125MAX (C1.0)
10V 0.05 MAX
6.3V 0.075 MAX
4V 0.1 MAX
1005 C>0.47F 1608 C 2.2 2012 C 4.7 CLASS (A,B,F) 3216 C 10.0 3225 C 22.0 4532 C 47.0 5750 C 100.0
Tan CLASS
A,B
0.05 MAX
F
0.075 MAX
0.15 MAX
0.195 MAX
0.25 MAX
(TWICE OF RATED VOLTAGE WILL BE
INSULATION RESISTANCE
MINIMUM INSULATION RESISTANCE: 1,000 OR 50* PRODUCT WHICHEVER IS SMALLER NO MECHANICAL DAMAGE SHALL OCCUR CHARACTERISTIC CAP. CHANGE WITHIN 2.5%
APPLIED TO ALL SERIES BUT ABOVE) ** HOWEVER, SEE (FIG.3) A/B1005 C 0.22
APPEARANCE
CAPACITORS SHALL BE SUBJECTED TO FIVE CYCLES OF THE TEMPERATURE CYCLE AS FOLLOWING STEP 1 2 3 4 TEMP.() MIN.RATED TEMP.+0/-3 25 MAX.RATED TEMP.+3/-0 25 TIME(MIN) 30 2~3 30 2~3
CAPACITANCE
CLASS
OR 0.25 WHICHEVER IS LARGER
CLASS 17 TEMPERATURE CYCLE Q CLASS Tan CLASS INSULATION RESISTANCE
A,B F
WITHIN 7.5% WITHIN 20%
30 AND OVER : Q 1000 LESS THAN 30:Q 400 +20xC TO SATISFY THE SPECIFIED INITIAL VALUE TO SATISFY THE SPECIFIED INITIAL VALUE
MEASURE AT ROOM TEMPERATURE AFTER COOLING FOR CLASS : 242 Hr. CLASS : 484 Hr.
- 25 -
Multilayer Ceramic Capacitor
CHARACTERISTIC GRAPH
ELECTRICAL CHARACTERISTICS
CAPACITANCE - TEMPERATURE CHARACTERISTICS
10 20 5 0 C0G RH SH TH UJ
X7R
C %
0 -5 -10 -60
C %
-20 -40 -60 -80 -60 -20 0 20 40 80
Y5V
120
-20
0
20
60
100
140
Temperature()
Temperature()
CAPACITANCE - DC VOLTAGE CHARACTERISTICS CAPACITANCE CHANGE - AGING
40 20 0
C0G 50V X7R 50V 0 10
C0G X7R Y5V
C %
-20 -40 -60 -80 -100 0 5 10 15 20 25 30 DC V o l t a g e (V d c )
C %
-10 -20 -30
Y5V 50V
35
40
0
50 100
1000
10000
Time(Hr)
IMPEDANCE - FREQUENCY CHARACTERISTICS
Ohm
100
C0G
Ohm 100
0.001 0.01 0.1
X7R/Y5V
10
10
1
10pF 100pF 1000pF
1
0.1
0.1
0.01 1.E+06 1MHz
1.E+07 10MHz
1.E+08 100MHz
1.E+09 1GHz
1.E+10 10GHz
0.01 1.E+06 1MHz
1.E+07 10MHz
1.E+08 100MHz
1.E+09 1GHz
- 26 -
Multilayer Ceramic Capacitor
APPLICATION MANUAL
Storage Condition
Storage Environment The electrical characteristics of MLCCs were degraded by the environment of high temperature or humidity. Therefore, the MLCCs shall be stored in the ambient temperature and the relative humidity of less than 40 and 70%, respectively. Guaranteed storage period is within 6 months from the outgoing date of delivery. Corrosive Gases Since the solderability of the end termination in MLCC was degraded by a chemical atmosphere such as chlorine, acid or sulfide gases, MLCCs must be avoid from these gases. Temperature Fluctuations Since dew condensation may occur by the differences in temperature when the MLCCs are taken out of storage, it is important to maintain the temperature-controlled environment.
Design of Land Pattern
When designing printed circuit boards, the shape and size of the lands must allow for the proper amount of solder on the capacitor. The amount of solder at the end terminations has a direct effect on the crack. The crack in MLCC will be easily occurred by the tensile stress which was due to too much amount of solder. In contrast, if too little solder is applied, the termination strength will be insufficiently. Use the following illustrations as guidelines for proper land design. Recommendation of Land Shape and Size
Solder Resist Solder Resist
T W
Solder Land
b a
2/3W < b < W
2/3T < a < T
Adhesives
When flow soldering the MLCCs, apply the adhesive in accordance with the following conditions. Requirements for Adhesives They must have enough adhesion, so that, the chips will not fall off or move during the handling of the circuit board. They must maintain their adhesive strength when exposed to soldering temperature. They should not spread or run when applied to the circuit board. They should harden quickly. They should not corrode the circuit board or chip material.
- 27 -
Multilayer Ceramic Capacitor
They should be a good insulator. They should be non-toxic, and not produce harmful gases, nor be harmful when touched. Application Method It is important to use the proper amount of adhesive. Too little and much adhesive will cause poor adhesion and overflow into the land, respectively. Adhesive hardening Characteristics To prevent oxidation of the terminations, the adhesive must harden at 160 or less, within 2 minutes or less.
Mounting
Mounting Head Pressure Excessive pressure will cause crack to MLCCs. The pressure of nozzle will be 300g maximum during mounting. Bending Stress When double-sided circuit boards are used, MLCCs first are mounted and soldered onto one side of the board. When the MLCCs are mounted onto the other side, it is important to support the board as shown in the illustration. If the circuit board is not supported, the crack occur to the ready-installed MLCCs by the bending stress. nozzle
force
support pin
Flux
Although the solderability increased by the highly-activated flux, increase of activity in flux may
also degrade the insulation of the chip capacitors. To avoid such degradation, it is recommended
that a mildly activated rosin flux(less than 0.2% chlorine) be used.
- 28 -
Multilayer Ceramic Capacitor
Soldering
Since a multilayer ceramic chip capacitor comes into direct contact with melted solder during soldering, it is exposed to potentially mechanical stress caused by the sudden temperature change. The capacitor may also be subject to silver migration, and to contamination by the flux. Because of these factors, soldering technique is critical. Soldering Methods Method - Overall heating Reflow soldering - Local heating Flow soldering - Single wave - Double wave Classification - Infrared rays - Hot plate - VPS(vapor phase) - Air heater - Laser - Light beam -
* We recommend the reflow soldering method. Soldering Profile To avoid crack problem by sudden temperature change, follow the temperature profile in the adjacent graph.
300 250 200 150 100 50
preheating soldering cooling
300 250 200
preheating
soldering
cooling
T150
150 100 50
60~120sec
10~20sec
60~120sec
3~4sec
Reflow Soldering
Flow Soldering
Manual Soldering Manual soldering can pose a great risk of creating thermal cracks in chip capacitors. The hot
soldering iron tip comes into direct contact with the end terminations, and operator's carelessness
may cause the tip of the soldering iron to come into direct contact with the ceramic body of the capacitor. Therefore the soldering iron must be handled carefully, and close attention must be paid to the selection of the soldering iron tip and to temperature control of the tip.
- 29 -
Multilayer Ceramic Capacitor
Amount of Solder
Too much Solder
Cracks tend to occur due to large stress
Weak holding force may Not enough Solder cause bad connections or detaching of the capacitor
Good
Cooling Natural cooling using air is recommended. If the chips are dipped into solvent for cleaning, the temperature difference(T) must be less than 100 6-6. Cleaning If rosin flux is used, cleaning usually is unnecessary. When strongly activated flux is used, chlorine in the flux may dissolve into some types of cleaning fluids, thereby affecting the chip capacitors. This means that the cleaning fluid must be carefully selected, and should always be new. Notes for Separating Multiple, Shared PC Boards. A multi-PC board is separated into many individual circuit boards after soldering has been completed. If the board is bent or distorted at the time of separation, cracks may occur in the chip capacitors. Carefully choose a separation method that minimizes the bending of the circuit board.
- 30 -
Multilayer Ceramic Capacitor
CROSS REFERENCE
P/N
COMPANY
COMPANY
MODEL(MLCC) 0201(0603) 0402(1005) 0603(1608) 0805(2012) SIZE (EIA/JIS) 1206(3216) 1210(3225) 1808(4520) 1812(4532) 2220(5750)
SAMSUNG
CL 03 05 10 21 31 32 42 43 55
AVX
0402 0603 0805 1206 1210 1808 1812 -
JOHANSON
R07 R14 R15 R18 S41 R29 S43 -
KEMET
C 0402 0603 0805 1206 1210 1808 1812 2220
KYOCERA
CM 03 05 105 21 316 32 42 43 55
MURATA
GRM 33 36 39 40 42-6 42-2 43-2 44-1
NOVACAP
0402 0603 0805 1206 1210 1808 1812 2221
PANASONIC
ECJ Z 0 1 2 3 4 -
ROHM
MCH 15 18 21 31 32 43 -
TAIYO - YUDEN
MK 063 105 107 212 316 325 432 550
TDK
C 0603 1005 1608 2012 3216 3225 4520 4532 5650
VITRAMON
VJ 0402 0603 0805 1206 1210 1808 1812 -
COG(NPO)
C
A
N
G
CG
COG/CH
N
C
A
C
COG/CH
A
P2H(N150) R2H(N220) S2H(N330) TEMPERATURE CHARACTERISTIC U2J(N750) S2L X7R Z5U T2H(N470)
P R S T U L B E
S 1 3 O Z Y C E
W Z
R(X) U
P R S T U SL X7R -
P2H R2H S2H T2H U2J SL X7R Z5U
B Z
P R S T U G B -
UJ SL C E
P R S T U SL BJ -
PH RH SH TH UJ SL X7R(B) Z5U
Y(X) U
Y5V
F
G
Y
V
Y5V
Y5V
Y
F
F
F
Y5V
-
NOMINAL CAPACITANCE CAPACITANCE TOLERANCE 6.3V 10 V 16 V 25 V 50 V 100 V 200V 250V 500V 630V 1000V 2000V 3000V 4000V NICKEL BARRIER TERMINATION Ag/Pd BULK(VINYL) PAPER TAPING PACKAGE PLASTIC TAPING BULK CASE E P 1, 3 7 E, U P B C 1 9 2, 4 (NONE) T, R Q P O A B C D E G H I J K N 6 Z Y 3 5 1 2 V 7 A G H J T V B:0.1 100 160 250 500 101 201 501 102 202 302
EX) 103=10,000 C:0.25 9 8 4 3 5 1 2 C D:0.5 06 10 16 25 50 100 200 250 500 630 1000 2000 3000 4000 A B B T, L H, N C
221=220 F:1% 6.3 10 16 25 50 100 200 250 500 630 1K 2K 3K (GRM) (GR) PB PT PT PC
225=2,200,000=2.2 G:2% 160 250 500 101 201 251 501 102 202 302 402 N P * T J:5%
1R5=1.5 K:10% 0J 1A 1C 1E 1H 2A 2D X E,V,W F, Y C
010=1 Z:-20~+80% J L E T U B T T 0J 1A 1C 1E 1H 2A 2E 2J 3A 3D 3F B T J X A B C E G H X F B C, P T, R G
M:20% 4 3 2 5 1 (MCH) (MC) K, L P, Q C
RATED VOLTAGE
- 31 -
Multilayer Ceramic Capacitor
SAMSUNG : CL10B104KA8NNNC CL
Series 03 05 10 21 31 32 43 55
10
Size = = = = = = = = 0201 0402 0603 0805 1206 1210 1812 2220
B
Dielectric C P R S T U L B A F = = = = = = = = = = C0G P2H R2H S2H T2H U2H S2L X7R X5R Y5V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance A = 0.05pF B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80,-20%
A
Voltage Q = 6.3V P = 10V O = 16V A = 25V B = 50V C = 100V D = 200V E = 250V G = 500V H = 630V I = 1000V
8
Thickness 3 = 0.30 5 = 0.50 8 = 0.80 A = 0.65 C = 0.85 H = 1.60 I = 2.00 J = 2.50 L = 3.20
N
Electrode/ Termination/ Plating A = Pd/Ag/ Sn 100% N = Ni/Cu/ Sn 100% G = Cu/Cu/ Sn 100%
N
Products
N
Special
C
Packaging Bulk Cassette Paper 7" Paper 13" (10,000EA) E = Embossing 7" F = Embossing 13" L = Paper 13" (15,000EA) O = Paper 10" S = Embossing 10" B P C D = = = =
A = Array Various (2-element) B = Array (4-element) C = High - Q L = LICC N = Normal P = Automotive W = 3 terminal chip
AVX : 06033C104KAT2A 0603
Size 0201 0402 0603 0805 1206 1210 1812 2220 2225
3
Voltage 4 = 4V 6 = 6.3V Z = 10V Y = 16V 3 = 25V B = 50V C = 100V D = 200V E = 250V G = 500V I = 1000V
C
Dielectric A C D E G = = = = = C0G X7R X5R Z5U Y5V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80, -20% P = GMV,+100,-0%
A
Failure Rate A = N/A
T
Termination T = Sn 100% 7 = Gold Plated 1 = Pd/Ag
2
Packaging 2 4 7 9 = = = = 7" Reel 13" Reel Cassette Bulk
A
Special A T S R = = = = Standard 0.66mm 0.56mm 0.46mm
JOHANSON : 250R14W104KV6T 250
Voltage 2 significant figures + number of zeros
R14
Size R07 = 0402 R14 R15 R18 S41 S43 S47 S48 S49 S54 = = = = = = = = = 0603 0805 1206 1210 1812 2220 2225 1825 3640
W
Dielectric N = C0G W = X7R X = X5R Z = Z5U Y = Y5V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20%
V
Termination V = Ni Barrier
6
Marking 4 = No Mark 6 = Marking
T
Packaging E = 7" Reel Plastic T = 7" Reel Paper R = 13" Reel Paper U = 13" Reel Plastic None = Bulk
Z = +80, -20% P = GMV,+100,-0%
KEMET : C0603C104K3RAC C
Series
0603
Size 0402 0603 0805 1206 1210 1812 2220 2225
C
Specification C = Standard A = GR900 P = Mil-C-55681 CDR01-CDR06 N = Mil-C-55681 CDR31-CDR35 Z = Mil-C-123 E = Mil Equivalent (Group A Only)
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80, -20% P = +100, 0%
3
Voltage 9 8 4 3 5 1 2 = = = = = = = 6.3V 10V 16V 25V 50V 100V 200V
R
Dielectric G R P U X V = = = = = = C0G X7R X5R Z5U BX(Mil) Y5V
A
Failure Rate A M P R S = = = = = Standard 1.0 (Mil) 0.1 (Mil) 0.01 (Mil) 0.001 (Mil)
C
Termination C H T G = = = = Ni w/Tin Plate Ni w/Solder Silver Gold Plated
- 32 -
Multilayer Ceramic Capacitor
KYOCERA : CM105X7R104K25AT CM
Series
105
Size 03 = 0201 05 = 0402 105 = 0603 21 = 0805 316 = 1206 32 = 1210 42 = 1808 43 = 1812 55 = 2220
X7R
Dielectric CG X8R X7R X5R Z5U Y5V Y5U
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80, -20% P = +100, 0%
25
Voltage 04 = 4V 06 = 6.3V 10 = 10V 16 = 16V 25 = 25V 50 = 50V 100 = 100V 250 = 250V 500 = 500V 1000 = 1000V
A
Termination A = Ni Barrier T L H N B C = = = = = =
T
Packaging 7" Reel (4mm Pitch) 13" Reel (4mm Pitch) 7" Reel (2mm Pitch) 13" Reel (2mm Pitch) Bulk (Vinyl Bags) Bulk Cassette
MURATA : GRM188R71E104KA01D GRM
Series Ni Barrier
18
Size 03 = 0201 15 18 21 31 32 42 43 55 = = = = = = = = 0402 0603 0805 1206 1210 1808 1812 2220
8
Thickness 3 = 0.3mm 5 = 0.5mm 8 = 0.8mm A = 1.0mm B = 1.25mm C = 1.6mm D = 2.0mm E = 2.5mm F = 3.2mm
R7
Dielectric 5C R7 R6 E4 F5 = = = = = C0G X7R X5R Z5U Y5V
1E
Voltage 0J = 6.3V 1A = 10V 1C = 16V 1E = 25V 1H = 50V 2A = 100V 2E = 250V 2H = 500V 3A = 1000V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80,-20% P = +100, 0%
A01
Individual Specification Code
D
Packaging D = 7" Reel Paper L = 7" Reel Plastic J = 13" Reel Paper K = 13" Reel Plastic B = Bulk C = Bulk Cassette T = Bulk Tray
NOVACAP : 0603B104K250N_TM 1206
Size 0402 0603 0805 1005 1206 1210 1808 1812 2220 N B X Z Y = = = = =
B
Dielectric C0G X7R BX Z5U Y5V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80,-20% P = +100, 0%
250
Voltage 2 significant figures + number of zeros
N
Termination P = Pd/Ag N = Ni Barrier (Sn 100%) Y = Ni Barrier (Sn/Pb)
Thickness Per Specified
T
Packaging T = Reel None = Bulk W = Waffle Pack
M
Marking
PANASONIC : ECJ1EB1E104K ECJ
Series Z 0 1 2 3 4
1
Size = = = = = = 0201 0402 0603 0805 1206 1210
E
Packaging X = Bulk E = Paper 2mm V = Paper 4mm F, Y = Plastic 4mm W = Large Reels 2mm Z = Large Reels 4mm C = Bulk Cassette
B
Dielectric C = C0G B = X7R, X5R F = Y5V
1E
Voltage 0J = 6.3V 1A = 10V 1C = 16V 1E = 25V 1H = 50V 2A = 100V 2D = 200V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance C = 0.25pF D = 0.5pF F = 1% J = 5% K = 10% M = 20% Z = +80, -20%
- 33 -
Multilayer Ceramic Capacitor
ROHM : MCH182C104KKN MCH
Series 15 18 21 31 32 43
18
Size = = = = = = 0402 0603 0805 1206 1210 1812
2
Voltag e 4 3 2 5 = = = = 10V 16V 25V 50V
C
Dielectric A = C0G C = X7R F = Y5V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80,-20% P = +100, 0%
K
Packaging K = 7" Reel Paper P = 7" Reel Plastic L = 13" Reel Paper Q = 13" Reel Plastic B = Bulk C = Bulk Cassette
N
Marking/Thickness N = Marked Special Thickness
TAIYO-YUDEN : TMK107BJ104K_T T
Voltage A = 4V J = 6.3V L = 10V E = 16V T = 25V U = 50V
M
Type M = Multilayer V = Hi Q
K
Termination K = Ni Barrier
107
Size 105 107 212 316 325 432 550 = = = = = = = 0402 0603 0805 1206 1210 1812 2220
BJ
Dielectric CG = C0G CH = C0H CJ = C0J CK = C0K BJ = X5R, X7R F = Y5V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80,-20%
Special Various
T
Packaging T = Reel B = Bulk
TDK : C1608X7R1E104KT C
Series
1608
Size 0603 1005 1608 2012 3216 3225 4532 5650 = = = = = = = = 0201 0402 0603 0805 1206 1210 1812 2220
X7R
Dielectric CG X7R Z5U Y5V
1E
Voltage 0J = 6.3V 1A = 10V 1C = 16V 1E = 25V 1H = 50V
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80, -20%
T
Packaging T = Reel B = Bulk
VITRAMON : VJ0603Y104KXXMC VJ
Series
0603
Size 0402 0603 0805 1206 1210 1812 2225
Y
Dielectric X= A,N Y= U= H= BX = C0G X7R Z5U X8R
104
Capacitance 2 significant figures + number of zeros Use "R" for decimal point
K
Tolerance B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Z = +80, -20% P = +100, 0%
X
Termination X = Silver, Ni Barrier Tin Plated
X
Voltage J = 16V X = 25V A = 50V B = 100V C = 200V
M
Marking M = Marking A = No Marking C T P R B
C
Packaging = = = = = 7" Reel Paper 7" Reel Plastic 13" Reel Paper 13" Reel Plastic Bulk
- 34 -


▲Up To Search▲   

 
Price & Availability of CL21C220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X